Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet (PDF) - Holtek Semiconductor Inc

HT1621 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1621
Download  HT1621 Download
File Size   167.81 Kbytes
Page   20 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 32x4 LCD Controller for I/O C

HT1621 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1621 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1621
Download  HT1621 Click to download

File Size   167.81 Kbytes
Page   20 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 32x4 LCD Controller for I/O C

HT1621 Datasheet (HTML) - Holtek Semiconductor Inc


HT1621 Product details

General Description
The HT1621 is a 128 pattern (32x4), memory mapping, and multi-function LCD driver. The S/W configuration feature of the HT1621 makes it suitable for multiple LCD applications including LCD modules and display subsystems. Only three or four lines are required for the interface between the host controller and the HT1621. The HT1621 contains a power down command to reduce power consumption.

Features
● Operating voltage: 2.4V~5.2V
● Built-in 256kHz RC oscillator
● External 32.768kHz crystal or 256kHz frequency
   source input
● Selection of 1/2 or 1/3 bias, and selection of 1/2 or
   1/3 or 1/4 duty LCD applications
● Internal time base frequency sources
● Two selectable buzzer frequencies (2kHz/4kHz)
● Power down command reduces power consumption
● Built-in time base generator and WDT
● Time base or WDT overflow output
● 8 kinds of time base/WDT clock sources
● 32x4 LCD driver
● Built-in 32x4 bit display RAM
● 3-wire serial interface
● Internal LCD driving frequency source
● Software configuration feature
● Data mode and command mode instructions
● R/W address auto increment
● Three data accessing modes
● VLCD pin for adjusting LCD operating voltage
● HT1621: 48-pin SSOP package
   HT1621B: 48-pin DIP/SSOP/LQFP package
   HT1621D: 28-pin SKDIP package
   HT1621G: Gold bumped chip




Similar Part No. - HT1621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621 HOLTEK-HT1621 Datasheet
196Kb / 19P
RAM Mapping 32x4 LCD Controller for I/O MCU
June 29, 2005
HT1621 HOLTEK-HT1621 Datasheet
186Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
October 28, 2009
HT1621 HOLTEK-HT1621 Datasheet
206Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621 Datasheet
154Kb / 15P
RAM Mapping 4816 LCD Controller for I/O MCU
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Similar Description - HT1621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
RAM Mapping 32x4 LCD Controller for I/O C
July 26, 1999
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
RAM Mapping 32x8 LCD Controller for I/O C
April 21, 2000
HT1623 HOLTEK-HT1623 Datasheet
155Kb / 18P
RAM Mapping 48x8 LCD Controller for I/O C
April 21, 2000
HT1625 HOLTEK-HT1625 Datasheet
153Kb / 17P
RAM Mapping 64x 8 LCD Controller for I/O C
April 21, 2000
HT1626 HOLTEK-HT1626 Datasheet
152Kb / 17P
RAM Mapping 48x16 LCD Controller for I/O C
April 21, 2000
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
RAM Mapping 64x16 LCD Controller for I/O C
April 21, 2000
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1621 HOLTEK-HT1621_05 Datasheet
196Kb / 19P
RAM Mapping 32x4 LCD Controller for I/O MCU
June 29, 2005
logo
ARTSCHIP ELECTRONICS CO...
HT1621 ARTSCHIP-HT1621 Datasheet
347Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com