Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Pad Description
Pad No.
Pad Name
I/O
Function
1CS
I
Chip selection input with pull-high resistor
When the CS is logic high, the data and command read from or
written to the HT1621 are disabled. The serial interface circuit
is also reset. But if CS is at logic low level and is input to the CS
pad, the data and command transmission between the host con-
troller and the HT1621 are all enabled.
2RD
I
READ clock input with pull-high resistor
Data in the RAM of the HT1621 are clocked out on the falling
edge of the RD signal. The clocked out data will appear on the
DATA line. The host controller can use the next rising edge to
latch the clocked out data.
3WR
I
WRITE clock input with pull-high resistor
Data on the DATA line are latched into the HT1621 on the ris-
ing edge of the WR signal.
4
DATA
I/O Serial data input/output with pull-high resistor
5
VSS
¾
Negative power supply, ground
7
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal
in order to generate a system clock. If the system clock comes
from an external clock source, the external clock source should
be connected to the OSCI pad. But if an on-chip RC oscillator is
selected instead, the OSCI and OSCO pads can be left open.
6
OSCO
O
8
VLCD
I
LCD power input
9
VDD
¾
Positive power supply
10
IRQ
O
Time base or WDT overflow flag, NMOS open drain output
11, 12
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
13~16
COM0~COM3
O
LCD common outputs
48~17
SEG0~SEG31
O
LCD segment outputs
Absolute Maximum Ratings
Supply Voltage.................................-0.3V~5.5V
Storage Temperature....................-50
oC~125oC
Input Voltage....................VSS-0.3V~VDD+0.3V
Operating Temperature..................-25
oC~75oC
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maxi-
mum Ratings may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
HT1621
6
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com