Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
fSYS1 System Clock
3V On-chip RC oscillator ¾
256
¾
kHz
5V
¾
256
¾
kHz
fSYS2 System Clock
3V
Crystal oscillator
¾
32.768
¾
kHz
5V
¾
32.768
¾
kHz
fSYS3 System Clock
3V
External clock source
¾
256
¾
kHz
5V
¾
256
¾
kHz
fLCD
LCD Clock
¾ On-chip RC oscillator ¾
fSYS1/1024 ¾
Hz
¾ Crystal oscillator
¾
fSYS2/128
¾
Hz
¾ External clock source ¾
fSYS3/1024 ¾
Hz
tCOM LCD Common Period
¾ n: Number of COM
¾
n/fLCD
¾
s
fCLK1 Serial Data Clock (WR pin)
3V
Duty cycle 50%
¾¾
150
kHz
5V
¾¾
300
kHz
fCLK2 Serial Data Clock (RD pin)
3V
Duty cycle 50%
¾¾
75
kHz
5V
¾¾
150
kHz
fTONE Tone Frequency
¾ On-chip RC oscillator ¾
2.0 or 4.0
¾
kHz
tCS
Serial Interface Reset Pulse
Width
(Figure 3)
¾ CS
¾
250
¾
ns
tCLK
WR,RD Input Pulse Width
(Figure 1)
3V
Write mode
3.34
¾¾
ms
Read mode
6.67
¾¾
5V
Write mode
1.67
¾¾
ms
Read mode
3.34
¾¾
tr,tf
Rise/Fall Time Serial Data
Clock Width
(Figure 1)
3V
¾¾
120
¾
ns
5V
tsu
Setup Time for DATA to WR,
RD Clock Width (Figure 2)
3V
¾¾
120
¾
ns
5V
th
Hold Time for DATA to WR,
RD Clock Width (Figure 2)
3V
¾¾
120
¾
ns
5V
tsu1
Setup Time for CS to WR,RD
Clock Width
(Figure 3)
3V
¾¾
100
¾
ns
5V
th1
Hold Time for CS to WR,RD
Clock Width
(Figure 3)
3V
¾¾
100
¾
ns
5V
HT1621
8
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com