Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
5.2
V
IDD1
Operating Current
3V
No load/LCD ON
On-chip RC oscillator
¾
150
300
mA
5V
¾
300
600
mA
IDD2
Operating Current
3V
No load/LCD ON
Crystal oscillator
¾
60
120
mA
5V
¾
120
240
mA
IDD3
Operating Current
3V
No load/LCD ON
External clock source
¾
100
200
mA
5V
¾
200
400
mA
ISTB
Standby Current
3V
No load
Power down mode
¾
0.1
5
mA
5V
¾
0.3
10
mA
VIL
Input Low Voltage
3V
DATA, WR,CS,RD
0
¾
0.6
V
5V
0
¾
1.0
V
VIH
Input High Voltage
3V
DATA, WR,CS,RD
2.4
¾
3.0
V
5V
4.0
¾
5.0
V
IOL1
DATA, BZ, BZ, IRQ
3V
VOL=0.3V
0.5
1.2
¾
mA
5V
VOL=0.5V
1.3
2.6
¾
mA
IOH1
DATA, BZ, BZ
3V
VOH=2.7V
-0.4
-0.8
¾
mA
5V
VOH=4.5V
-0.9
-1.8
¾
mA
IOL2
LCD Common Sink
Current
3V
VOL=0.3V
80
150
¾mA
5V
VOL=0.5V
150
250
¾mA
IOH2
LCD Common Source
Current
3V
VOH=2.7V
-80
-120
¾mA
5V
VOH=4.5V
-120 -200
¾mA
IOL3
LCD Segment Sink
Current
3V
VOL=0.3V
60
120
¾mA
5V
VOL=0.5V
120
200
¾mA
IOH3
LCD Segment Source
Current
3V
VOH=2.7V
-40
-70
¾mA
5V
VOH=4.5V
-70
-100
¾mA
RPH
Pull-high Resistor
3V
DATA, WR,CS,RD
40
80
150
kW
5V
30
60
100
kW
HT1621
7
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com