Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 20Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Command Summary
HT1621
18
April 21, 2000
Name
ID
Command Code
D/C
Function
Def.
READ
110 A5A4A3A2A1A0D0D1D2D3
D Read data from the RAM
WRITE
101 A5A4A3A2A1A0D0D1D2D3
D Write data to the RAM
READ-
MODIFY-
WRITE
101 A5A4A3A2A1A0D0D1D2D3
D READ and WRITE to the RAM
SYS DIS
100 0000-0000-X
C Turn off both system oscillator
and LCD bias generator
Yes
SYS EN
100 0000-0001-X
C Turn on system oscillator
LCD OFF
100 0000-0010-X
C Turn off LCD bias generator
Yes
LCD ON
100 0000-0011-X
C Turn on LCD bias generator
TIMER DIS 100 0000-0100-X
C Disable time base output
WDT DIS
100 0000-0101-X
C Disable WDT time-out flag
output
TIMER EN 100 0000-0110-X
C Enable time base output
WDT EN
100 0000-0111-X
C Enable WDT time-out flag
output
TONE OFF 100 0000-1000-X
C Turn off tone outputs
Yes
TONE ON
100 0000-1001-X
C Turn on tone outputs
CLR TIMER 100 0000-11XX-X
C Clear the contents of time base
generator
CLR WDT
100 0000-111X-X
C Clear the contents of WDT stage
XTAL 32K
100 0001-01XX-X
C System clock source, crystal
oscillator
RC 256K
100 0001-10XX-X
C System clock source, on-chip RC
oscillator
Yes
EXT 256K
100 0001-11XX-X
C System clock source, external
clock source
BIAS 1/2
100 0010-abX0-X
C
LCD 1/2 bias option
ab=00: 2 commons option
ab=01: 3 commons option
ab=10: 4 commons option
BIAS 1/3
100 0010-abX1-X
C
LCD 1/3 bias option
ab=00: 2 commons option
ab=01: 3 commons option
ab=10: 4 commons option
TONE 4K
100 010X-XXXX-X
C Tone frequency, 4kHz
TONE 2K
100 011X-XXXX-X
C Tone frequency, 2kHz
IRQ DIS
100 100X-0XXX-X
C Disable IRQ output
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com