Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
HT1621
11
April 21, 2000
TIMER command. The CLR WDT or the CLR
TIMER command should be executed prior to
the WDT EN or the TIMER EN command re-
spectively. Before executing the IRQ EN com-
mand the CLR WDT or CLR TIMER command
should be executed first. The CLR TIMER com-
mand has to be executed before switching from
the WDT mode to the time base mode. Once the
WDT time-out occurs, the IRQ pin will stay at a
logic low level until the CLR WDT or the IRQ
DIS command is issued. After the IRQ output is
disabled the IRQ pin will remain at the floating
state. The IRQ output can be enabled or dis-
abled by executing the IRQ EN or the IRQ DIS
command, respectively. The IRQ EN makes the
output of the time base generator or of the WDT
time-out flag appear on the IRQ pin. The config-
uration of the time base generator along with
the WDT are as shown. In the case of on-chip
RC oscillator or crystal oscillator, the power
down mode can reduce power consumption
since the oscillator can be turned on or off by
the corresponding system commands. At the
power down mode the time base/WDT loses all
its functions.
On the other hand, if an external clock is se-
lected as the source of system frequency the
SYS DIS command turns out invalid and the
power down mode fails to be carried out. That
is, after the external clock source is selected,
the HT1621 will continue working until system
power fails or the external clock source is re-
moved. After the system power on, the IRQ will
be disabled.
Tone output
A simple tone generator is implemented in the
HT1621. The tone generator can output a pair
of differential driving signals on the BZ and BZ,
which are used to generate a single tone. By ex-
ecuting the TONE4K and TONE2K commands
there are two tone frequency outputs
selectable. The TONE4K and TONE2K com-
mands set the tone frequency to 4kHz and
2kHz, respectively. The tone output can be
turned on or off by invoking the TONE ON or
the TONE OFF command. The tone outputs,
namely BZ and BZ, are a pair of differential
driving outputs used to drive a piezo buzzer.
Once the system is disabled or the tone output
is inhibited, the BZ and the BZ outputs will re-
main at low level.
LCD driver
The HT1621 is a 128 (32´4) pattern LCD driver.
It can be configured as 1/2 or 1/3 bias and 2 or 3
or 4 commons of LCD driver by the S/W configu-
ration. This feature makes the HT1621 suitable
for multiply LCD applications. The LCD driving
clock is derived from the system clock. The value
of the driving clock is always 256Hz even when it
is at a 32.768kHz crystal oscillator frequency, an
on-chip RC oscillator frequency, or an external
frequency. The LCD corresponding commands
are summarized in the table.
The bold form of100, namely 100, indicates
the command mode ID. If successive commands
have been issued, the command mode ID except
for the first command, will be omitted. The LCD
Name
Command Code
Function
LCD OFF
100 00000010X
Turn off LCD outputs
LCD ON
100 00000011X
Turn on LCD outputs
BIAS & COM
100 0010abXcX
c=0: 1/2 bias option
c=1: 1/3 bias option
ab=00: 2 commons option
ab=01: 3 commons option
ab=10: 4 commons option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com