Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HT1621
10
April 21, 2000
enter the power down mode, similar to the case
in the external 256kHz clock source operation.
At the initial system power on, the HT1621 is at
the SYS DIS state.
Time base and Watchdog Timer (WDT)
The time base generator is comprised by an
8-stage count-up ripple counter and is designed
to generate an accurate time base. The watch
dog timer (WDT), on the other hand, is com-
posed of an 8-stage time base generator along
with a 2-stage count-up counter, and is de-
signed to break the host controller or other sub-
systems from abnormal states such as
unknown or unwanted jump, execution errors,
etc. The WDT time-out will result in the setting
of an internal WDT time-out flag. The outputs
of the time base generator and of the WDT
time-out flag can be connected to the IRQ out-
put by a command option. There are totally
eight frequency sources available for the time
base generator and the WDT clock. The fre-
quency is calculated by the following equation.
fWDT =
32kHz
2n
where the value of n ranges from 0 to 7 by com-
mand options. The 32kHz in the above equation
indicates that the source of the system fre-
quency is derived from a crystal oscillator of
32.768kHz, an on-chip oscillator (256kHz), or
an external frequency of 256kHz.
If an on-chip oscillator (256kHz) or an external
256kHz frequency is chosen as the source of the
system frequency, the frequency source is by de-
fault prescaled to 32kHz by a 3-stage prescaler.
Employing both the time base generator and
the WDT related commands, one should be
careful since the time base generator and WDT
share the same 8-stage counter. For example,
invoking the WDT DIS command disables the
time base generator whereas executing the
WDT EN command not only enables the time
base generator but activates the WDT time-out
flag output (connect the WDT time-out flag to
the IRQ pin). After the TIMER EN command is
transferred, the WDT is disconnected from the
IRQ pin, and the output of the time base generator
is connected to the IRQ pin. The WDT can be
cleared by executing the CLR WDT command,
and the contents of the time base generator is
cleared by executing the CLR WDT or the CLR
1/ 8
OSC I
OSC O
C r yst a l O sci l l a t o r
3276 8H z
E x te r n a l C l o c k So u r c e
256k H z
O n - c h i p R C O s c illa t o r
256k H z
Syst e m
Cl o c k
System oscillator configuration
TI M E R E N / D I S
W D T E N /D IS
V DD
IR Q
IR Q E N /D IS
D
CK
Q
R
CL R W D T
Syst e m C l o ck
f = 32k H z
/ 256
/4
WD T
Ti m e r / W D T
C l o ck So u r ce s
/2 n
n= 0 ~ 7
Timer and WDT configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com