Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320L Datasheet (PDF) - Holtek Semiconductor Inc

HT9320L Datasheet PDF - Holtek Semiconductor Inc
Part # HT9320L
Download  HT9320L Download
File Size   382.5 Kbytes
Page   30 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 22-Memory Tone/Pulse Dialer

HT9320L Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9320L Datasheet PDF - Holtek Semiconductor Inc

Part # HT9320L
Download  HT9320L Click to download

File Size   382.5 Kbytes
Page   30 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 22-Memory Tone/Pulse Dialer

HT9320L Datasheet (HTML) - Holtek Semiconductor Inc


HT9320L Product details

General Description

The HT9320 series tone/pulse dialers are CMOS LSI for telecommunication systems. They are designed to meet various dialing specifications through resistor option matrix.



Features

Universal specification

Operating voltag0e: 2.0V~5.5V

Low standby current

Lowmemoryretentioncurrent:0.1A(typ.)

Tone/pulse switchable

Interface with LCD driver

32 digits for redialing

32 digits for the SA memory dialing

One-key redialing

Pause and PT key for PBX

3.58MHz crystal or ceramic resonator

Hand-free control

Hold-line control

Pause, PT can be saved for redialing

On-hook store function

Keytone function

Lock function

Resistor options

  M/B ratio

  Flash function and flash time

  Pause and PT duration

  Pulse number

  Inter-digit pause time for 10pps

Memory number: 22 memories

HT9320A/B/H/K/L-X: 28-pin DIP package

HT9320C: 22-pin SKDIP package




Similar Part No. - HT9320L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320L HOLTEK-HT9320L Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9320L-X HOLTEK-HT9320L-X Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
More results


Similar Description - HT9320L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
15-Memory Tone/Pulse Dialer
October 1, 2002
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
1-memory Tone/Pulse Dialer
October 2, 2002
logo
UMC Corporation
UM91261 UMC-UM91261 Datasheet
688Kb / 11P
10 MEMORY TONE /PULSE DIALER
logo
Holtek Semiconductor In...
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
15-Memory Tone/Pulse Dialer
3rd Dec 97
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
1-Memory/2-Memory Tone/Pulse Dialer
May 13, 2009
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
15 Memory Tone/Pulse Dialer
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
13-MEMORY TONE/PULSE DIALER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com