Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320L Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9320L
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320L Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9320L Datasheet HTML 1Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 2Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Selection Table
Function
Memory
Dialing
Hold-
Line
Hand-
Free
LCD
Interface
Flash
Function
Flash
Time
(ms)
Pulse
No.
Tone
Dura-
tion
(ms)
Inter-
Tone-
Pause
(ms)
M/B
Pin
IDD
Lock
Key-
Tone
Output
On-
Hook
Store
Package
Part No.
HT9320A
SA, R
M1~M20
ÖÖ
¾
Control
600
N,
N+1
10-N
82.5
85.5
Ö¾
¾
Ö
28 DIP
Digit
600/300/98
HT9320B
SA, R
M1~M20
ÖÖ
Ö
Control
600
N,
N+1
10-N
82.5
85.5
¾¾¾
¾
28 DIP
Digit
600/300/98
HT9320C
SA, R
M1~M20
¾¾
¾
Control
600
N,
N+1
10-N
82.5
85.5
¾¾¾
¾
22SKDIP
Digit
600/300/98
HT9320H
SA, R
M1~M20
ÖÖ
¾
Digit
600/100
N
82.5
82.5
Ö¾
¾
Ö
28 DIP
HT9320K
SA, R
M1~M20
ÖÖ
¾
Control
600
N,
N+1
10-N
82.5
85.5
¾¾
Ö
¾
28 DIP
Digit
600/300/98
HT9320L
SA, R
M1~M20
ÖÖ
Ö
Control
600
N,
N+1
10-N
82.5
85.5
¾Ö¾
¾
28 DIP
Digit
600/300/98
HT9320L-X The same as HT9320L, but the voltage polarity of the row group and the column group are reversed.
Pin Assignment
HT9320
2
July 21, 1999
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C7
C6
C5
C4
C3
C2
C1
PO
HF O
XM U T E
DT M F
HDI
HDO
VS S
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C7
C6
C5
C4
C3
C2
C1
PO
HF O
XM U T E
DT M F
HDI
HDO
VS S
C8
DO UT
R1
R2
R3
R4
R5
HK S
CL O C K
HF I
MO D E
X1
X2
VD D
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C7
C6
C5
C4
C3
C2
C1
PO
HF O
XM U T E
DT M F
HDI
HDO
VS S
C8
KT
R1
R2
R3
R4
R5
HK S
NC
HF I
MO D E
X1
X2
VD D
C8
HS T
R1
R2
R3
R4
R5
HK S
M/ B
HF I
MO D E
X1
X2
VD D
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
C8
R1
R2
R3
R4
R5
HK S
MO D E
X1
X2
VD D
C7
C6
C5
C4
C3
C2
C1
PO
XM U T E
DT M F
VS S
H T 9320A / H
28 D I P
H T 9320B / L / L - X
28 D I P
H T 9320C
22 S K D I P
H T 9320K
28 D I P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com