Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12G0 Datasheet (PDF) - Holtek Semiconductor Inc

HTG12G0 Datasheet PDF - Holtek Semiconductor Inc
Part # HTG12G0
Download  HTG12G0 Download
File Size   520.98 Kbytes
Page   31 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Microcontroller

HTG12G0 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTG12G0 Datasheet PDF - Holtek Semiconductor Inc

Part # HTG12G0
Download  HTG12G0 Click to download

File Size   520.98 Kbytes
Page   31 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Microcontroller

HTG12G0 Datasheet (HTML) - Holtek Semiconductor Inc


HTG12G0 Product details

General Description
The HTG12G0 is a 4-bit single chip microcontroller specially designed for LCD product applications. It is ideally suited for applications requiring
low power consumption, with many LCD segments such as calculator, scale, subsystem controller, hand-held LCD products and electronic appliances.

Features
• Operating voltage: 2.4V~3.3V
• Eight input lines
• Two output lines
• Five working registers
• RC oscillator for system clock
• Crystal oscillator for RTC and LCD clock
• 8K×8 program ROM
• 156×4 data RAM
• 50×8 segment LCD driver, 1/5 bias, 1/8 duty
• 8-bit programmable timer with built-in frequency source
• Internal timer overflow and RTC interrupt
• 16 kinds of programmable sound effects
• Halt function and wake-up feature reduce power consumption
• One-level subroutine nesting
• 8-bit table read instruction
• Up to 4.0µs instruction cycle with 1.0MHz system clock at VDD=3V
• 95 powerful instructions




Similar Part No. - HTG12G0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
HTG12N0 HOLTEK-HTG12N0 Datasheet
551Kb / 30P
4-Bit Microcontroller
18th Mar 99
More results


Similar Description - HTG12G0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com