Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet (PDF) - Holtek Semiconductor Inc

HTG12N0 Datasheet PDF - Holtek Semiconductor Inc
Part # HTG12N0
Download  HTG12N0 Download
File Size   551.21 Kbytes
Page   30 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 4-Bit Microcontroller

HTG12N0 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTG12N0 Datasheet PDF - Holtek Semiconductor Inc

Part # HTG12N0
Download  HTG12N0 Click to download

File Size   551.21 Kbytes
Page   30 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 4-Bit Microcontroller

HTG12N0 Datasheet (HTML) - Holtek Semiconductor Inc


HTG12N0 Product details

General Description
The HTG12N0 is the processor from HOLTEK’s 4-bit stand alone single chip microcontroller specially designed for LCD display and time piece product applications.
It is ideally suited for multiple LCD time piece low power applications among which are calculators, scales, calendar and hand held LCD products.

Features
• Operating voltage: 2.4V~3.5V
• Seven input lines
• Six output lines
• Halt feature reduces power consumption
• Up to 4µs instruction cycle with 1MHz system clock
• 4K × 8 × 4 program ROM
• Data memory RAM size 256 × 4 bits
• 64 segments × 8 commons, 1/5 bias LCD driver
• 8-bit table read instruction
• Five working registers
• Internal timer overflow
• One level subroutine nesting
• RC oscillator and 32768Hz crystal oscillator
• 8-bit timer with internal or external clock source
• Sound effect circuit




Similar Part No. - HTG12N0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
HTG12G0 HOLTEK-HTG12G0 Datasheet
520Kb / 31P
Microcontroller
14th May 99
More results


Similar Description - HTG12N0

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com