Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HTG12N0 Datasheet HTML 1Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Pad Description
Pad No.
Pad Name
I/O
Mask
Option
Description
38~99
1~2
SEG63~SEG2
SEG1~SEG0
O
—
LCD driver outputs for LCD panel segment
3
4
XIN
XOUT
I
O
—
32768Hz crystal oscillator for time base, LCD
clock
5
VDD
I
—
Positive power supply
6
7
OSCI
OSCO
I
O
—
An external resistor between OSCI and OSC0 is
needed for the internal system clock.
8
29
17
18
T512
T1D
TEST1
TEST2
O
O
I
I
For test mode only
TEST1 and TEST2 are left open when the chip is
in normal operation (with an internal pull-high
resistor).
9~16
COM7~COM0
O
—
Output for LCD panel common plate
22~25
21~19
PS3~PS0
PM2~PM0
I
Pull-high or
None, Note 2
Input pins for input only
26
VSS
I
—
Negative power supply, GND
27, 28
BZ, BZ
O
Note 1
Sound effect outputs
33~30
35~34
PA3~PA0
PC3~PC2
O
CMOS or
NMOS Open
Drain
Output latch pins for output only
36
RES
I
—
Input to reset an internal LSI
Reset is active on logical low level
37
TMCLK
I
Pull-high or
None, Note 3
Input for TIMER clock
TIMER can be clocked by an external clock or an
internal frequency source.
Notes:
1. The system clock provides six different sources selectable by mask option to drive the sound effect
clock. If the Holtek sound library is used, only 128K and 64K are acceptable.
2. Each bit of ports PM0~PM2, PS can be a trigger source of the HALT interrupt, selectable by mask
option.
3.14 internal clock sources can be selected by mask option to drive TMCLK. Note that TMCLK
should not be connected to a pull high resistor if an internal source is used.
HTG12N0
5
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com