Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Mnemonic
Description
Byte
Cycle
CF
Rotate
RL A
RLC A
RR A
RRC A
Rotate ACC left
Rotate ACC left through the carry
Rotate ACC right
Rotate ACC right through the carry
1
1
1
1
1
1
1
1
√
√
√
√
Input & Output
IN A,Pi
OUT Pi,A
Input port-i to ACC, port-i=PM0~PM2,PS
Output ACC to port-i, port-i=PC2~PC3, PA
1
1
1
1
—
—
Branch
JMP addr
JC addr
JNC addr
JTMR addr
JAn addr
JZ A,addr
JNZ A,addr
JNZ Rn,addr
Jump unconditionally
Jump on carry=1
Jump on carry=0
Jump on timer overflow
Jump on ACC bit n=1
Jump on ACC is zero
Jump on ACC is not zero
Jump on register Rn not zero, n=0,1,4
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
—
—
—
—
—
—
—
—
Subroutine
CALL addr
RET
RETI
Subroutine call
Return from subroutine or interrupt
Return from interrupt service routine
2
1
1
2
1
1
—
—
√
Flag
CLC
STC
EI
DI
NOP
Clear carry flag
Set carry flag
Enable interrupt
Disable interrupt
No operation
1
1
1
1
1
1
1
1
1
1
0
1
—
—
—
Timer
TIMER XXH
TIMER ON
TIMER OFF
MOV A,TMRL
MOV A,TMRH
MOV TMRL,A
MOV TMRH,A
Set 8 bits immediate data to TIMER
Set TIMER start counting
Set TIMER stop counting
Move low nibble of TIMER to ACC
Move high nibble of TIMER to ACC
Move ACC to low nibble of TIMER
Move ACC to high nibble of TIMER
2
1
1
1
1
1
1
2
1
1
1
1
1
1
—
—
—
—
—
—
—
Table Read
READ R4A
READ MR0A
READF R4A
READF MR0A
Read ROM code of current page to R4 and ACC
Read ROM code of current page to M(R1,R0), ACC
Read ROM code of page F to R4 and ACC
Read ROM code of page F to M(R1,R0),ACC
1
1
1
1
2
2
2
2
—
—
—
—
HTG12N0
17
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com