Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Functional Description
Program counter – PC
This counter addresses the program ROM and
is arranged as a 12-bit binary counter from PC0
to PC11 whose contents specify a maximum of 4096
addresses. The program counter counts with an in-
crement of 1 or 2 with each execution of an instruction.
When executing the jump instruction (JMP,
JNZ, JC, JTMR,...), a subroutine call, initial
reset, internal interrupt, RTC interrupt or re-
turning from a subroutine, the program counter
is loaded with the corresponding instruction
data as shown in the table.
Notes: P0~P11: Instruction code
@: PC11 keeps the current value
S0~S11: Stack register bits
PB0 and PB1 are set to 0 at power on
reset.
Program memory – ROM
The program memory is the executable memory
and is arranged in a 4096
×8 bit format. There are
four banks for the program memory in HTG12N0,
each bank shown in the figure can be switched by
the assignment of PB0 and PB1. The address is
specified by the program counter (PC). Four spe-
cial locations are reserved as shown below.
• Location 0
Activating the processor RES pin causes the
first instruction to be fetched from location 0.
Program memory PB0=1, PB1=0
Mode
Program Counter
PC13 PC12 PC11 PC10 PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0
Initial
reset
PB1
PB0
0
0
0
0
0
000
0
0
0
0
Internal
interrupt
PB1
PB0
0
0
0
0
0
000
0
1
0
0
External
interrupt
PB1
PB0
0
0
0
0
0
000
1
0
0
0
Jump, call
instruction
PB1
PB0
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
P0
Conditional
branch
PB1
PB0
@
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
P0
Return from
subroutine
PB1
PB0
S11
S10S9
S8
S7
S6S5
S4
S3S2
S1
S0
Program memory
Program memory PB0=0, PB1=0
HTG12N0
8
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com