Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LCD driver output
All of the LCD segments are random after an
initial clear. The bias voltage circuits of the
LCD display is built-in and no external resistor
is required.
The output number of the HTG12N0 LCD
driver is 64
×8 which can directly drive an LCD
with 1/8 duty cycle and 1/5 bias.
The LCD driving clock frequency is fixed at
256Hz. This is set by the RTC OSC (32.768kHz).
LCD driver output can be enabled or disabled
by setting PC1 without the influence of the
related memory condition.
LCD driver output is enabled by setting PC1 as
“1”, and disabled by setting PC1 as “0”.
An example of an LCD driving waveform (1/8
duty and 1/5 bias) is shown below.
Oscillator
Only one external resistor is required for the
HTG12N0 system clock.
The system clock is also used as the reference
signal of the sound effect clock or internal fre-
quency source of TIMER.
Another crystal oscillator is needed for use as
the reference signal of LCD driving clock and
RTC interrupt clock source.
A machine cycle consists of a sequence of four
states numbered T1 to T4. Each state lasts for
one oscillator period. The machine cycle is 4
µs
if the system frequency is up to 1MHz.
LCD display memory
RC and RTC oscillator
HTG12N0
13
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com