Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
R=620k
Ω~36kΩ
128
—
1000
kHz
fLCD
LCD Clock
3V
—
—
256
—
Hz
tCOM
LCD Common Period
—
1/8 duty
—
(1/fLCD)
×8—
s
tCY
Cycle Time
3V
fSYS=1MHz
—
4
—
µs
fTIMER
Timer I/P Frequency
(TMCLK)
3V
—
0
—
1000
kHz
tRES
Reset Pulse Width
—
—
5
—
—
ms
fSOUND
Sound Effect Clock
—
—
—
*64 or 128
—
kHz
*: Only these two clocking signal frequencies are supported by Holtek’s sound library.
HTG12N0
7
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com