Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
MOV A,XH
Move immediate data to accumulator
Machine Code
0 1 1 1 d d d d
Description
The 4-bit data specified by code is loaded to the accumulator.
Operation
ACC
← XH
MOV A,[R1R0]
Move data memory to accumulator
Machine Code
0 0 0 0 0 1 0 0
Description
Data in the data memory specified by the register pair “R1,R0” is moved to
the accumulator.
Operation
ACC
← M(R1,R0)
MOV A,[R3R2]
Move data memory to accumulator
Machine Code
0 0 0 0 0 1 1 0
Description
Data in the data memory specified by the register pair “R3,R2” is moved to
the accumulator.
Operation
ACC
← M(R3,R2)
MOV R1R0,XXH
Move immediate data to R1 and R0
Machine Code
0 1 0 1 d d d d
0 0 0 0 d d d d
Description
The 8-bit data specified by code are loaded to the working registers R1 and
R0, the high nibble of the data is loaded to the R1, and the low nibble of
the data is loaded to the R0.
Operation
R1
← XH (high nibble)
R0
← XH (low nibble)
MOV R3R2,XXH
Move immediate data to R3 and R2
Machine Code
0 1 1 0 d d d d
0 0 0 0 d d d d
Description
The 8-bit data specified by code are loaded to the working register R3 and
R2, the high nibble of the data is loaded to the R3, and the low nibble of
the data is loaded to the R2.
Operation
R3
← XH (high nibble)
R2
← XH (low nibble)
MOV R4,XH
Move immediate data to R4
Machine Code
0 1 0 0 0 1 1 0
0 0 0 0 d d d d
Description
The 4-bit data specified by code are loaded to the working register R4.
Operation
R4
← XH
HTG12N0
24
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com