Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
JNZ Rn,address
Jump if register is not zero
Machine Code
1 0 1 0 0 a a a
a a a a a a a a R0
1 0 1 0 1 a a a
a a a a a a a a R1
1 1 0 1 1 a a a
a a a a a a a a R4
Description
Bits 0~10 of the program counter are replaced with the directly–specified
address, bit 11 of the program counter and PA3 of the memory bank re-
main, if the register is not zero.
Operation
PC (bit 0~10)
← address, if Rn≠0; Rn=R0,R1,R4
PC
← PC+2, if Rn=0
JTMR address
Jump if time–out
Machine Code
1 1 0 1 0 a a a
a a a a a a a a
Description
Bits 0~10 of the program counter are replaced with the directly–specified
address, bit 11 of the program counter and PA3 of the memory bank re-
main, if the TF (Timer flag) is set to one.
Operation
PC (bit 0~10)
← address, if TF=1
PC
← PC+2, if TF=0
JZ A,address
Jump if accumulator is zero
Machine Code
1 0 1 1 0 a a a
a a a a a a a a
Description
Bits 0~10 of the program counter are replaced with the directly–specified
address, bit 11 of the program counter and PA3 of the memory bank re-
main, if the accumulator is zero.
Operation
PC (bit 0~10)
← address, if ACC=0
PC
← PC+2, if ACC≠0
MOV A,Rn
Move register to accumulator
Machine Code
0 0 1 0 n n n 1
Description
Data in the working register “Rn” is moved to the accumulator.
Operation
ACC
← Rn; Rn=R0,R1,R2,R3,R4, for nnn=0,1,2,3,4
MOV A,TMRH
Move timer to accumulator
Machine Code
0 0 1 1 1 0 1 1
Description
The high nibble data of the Timer counter is loaded to the accumulator.
Operation
ACC
← TIMER (high nibble)
MOV A,TMRL
Move timer to accumulator
Machine Code
0 0 1 1 1 0 1 0
Description
The low nibble data of the Timer counter is loaded to the accumulator.
Operation
ACC
← TIMER (low nibble)
HTG12N0
23
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com