Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
CALL address
Subroutine call
Machine Code
1 1 1 1 a a a a
a a a a a a a a
Description
The program counter bits 0~11 are saved in the stack. The program
counter is then loaded from the directly-specified address.
Operation
Stack
← PC+2
PC
← address
CLC
Clear carry flag
Machine Code
0 0 1 0 1 0 1 0
Description
The carry flag is reset to zero.
Operation
C
← 0
DAA
Decimal–Adjust accumulator
Machine Code
0 0 1 1 0 1 1 0
Description
The accumulator value is adjusted to the BCD (Binary Code Decimal) code,
if the contents of the accumulator is greater than 9 or C (Carry flag) is one.
Operation
If ACC>9 or CF=1 then
ACC
← ACC+6, C ← 1
else
ACC
← ACC, C ← C
DEC A
Decrement accumulator
Machine Code
0 0 1 1 1 1 1 1
Description
Data in the accumulator is decremented by one. Carry flag is not affected.
Operation
ACC
← ACC–1
DEC Rn
Decrement register
Machine Code
0 0 0 1 n n n 1
Description
Data in the working register “Rn” is decremented by one. Carry flag is not
affected.
Operation
Rn
← Rn–1; Rn=R0,R1,R2,R3,R4, for nnn=0,1,2,3,4
DEC [R1R0]
Decrement data memory
Machine Code
0 0 0 0 1 1 0 1
Description
Data in the data memory specified by the register pair “R1,R0” is decre-
mented by one. Carry flag is not affected.
Operation
M(R1,R0)
← M(R1,R0)–1
HTG12N0
20
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com