Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Interfacing
The HTG12N0 microcontroller communicates
with the outside world through 7-bit input pins
PS and PM0~PM2 and 6-bit output pins PA and
PC2~PC3.
Input ports – PS, PM0~PM2
All of the ports can have internal pull high
resistors determined by mask option. Every bit
of the input ports PS and PM0~PM2 can be
specified to be a trigger source for waking up
the HALT interrupt by mask option. A high to
low transition on one of these pins will wake up
the device from a HALT status.
Output port – PA, PC2~PC3
A mask option is available to select whether the
output is of a CMOS or open drain NMOS type.
After an initial clear the output port PA and
PC2~PC3 defaults to be high for CMOS or float-
ing for NMOS.
Mask options
HTG12N0 provides seven kinds of mask option
for different applications.
• Each bit of input ports PS, PM0~PM2 with
pull-high resistor
• Each bit of input ports PS, PM0~PM2 func-
tion as HALT wake-up trigger
• Each bit of output port PA, PC2~PC3 with
CMOS or open drain NMOS
• 8-bit programmable TIMER with internal or
external frequency sources. There are 14 in-
ternal frequency sources which can be se-
lected as a clocking signal.
If using internal frequency sources as clocking
signal TMCLK cannot connect with a pull-
high resistor.
• Six kinds of sound clock frequencies:
fSYS/2
m, m=0, 1, 2, 3, 4, 5
• There are eight kinds of RTC interrupt fre-
quencies. RTC interrupt frequency=256/2
n Hz,
n=0~7.
• Three kinds of LCD bias current, 6µA, 15µA
and 60
µA for suitable size of LCD panel.
Input ports PS, PM0~PM2
Output port PA and PC2~PC3
HTG12N0
14
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com