Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Halt
This is a special feature of the HTG12N0 used to
interrupt the chip’s normal operation and re-
duce the power consumption. When a HALT is
executed the following happens ...
• The system clock will be stopped
• The contents of the on-chip RAM and regis-
ters remain unchanged
• RTC oscillator still keeps running
• BZ and BZ keep high level output
The system can quit the HALT mode by way of
initial reset or RTC interrupt or wake-up from
the following entry of program counter value.
Initial reset: 00H
Wake-up: next address of the HALT instruction
When the halt status is terminated by the RTC
interrupt, the following procedure takes place:
Case 1: If the system is in an interrupt-disable
state before entering the halt state:
• The system will awake and returns to the
main program instruction following the
HALT command.
• The RTC interrupt will be held until the sys-
tem receives an enable interrupt command by
which the RTC interrupt will be serviced.
Case 2: If the system is in an interrupt enable
state:
• The RTC interrupt will awake the system and
execute the RTC interrupt subroutine.
In the HALT mode, each bit of ports PM, PS, can
be used as wake-up signal by mask option to
wake-up the system. This signal is active in
low-going transition.
Sound effects
The HTG12N0 includes sound effect circuitry
which offers up to 16 sounds with 3 tones, boom
and noise effects. Holtek supports a sound li-
brary including melodies, alarms, machine guns etc..
Whenever the instruction “SOUND n” or
“SOUND A” is executed, the specified sound
begins. Each time “SOUND OFF” is executed, it
immediately terminates the singing sound.
There are two singing modes, SONE mode and
SLOOP mode activated by SOUND ONE and
SOUND LOOP. In SONE mode the specified
sound plays only once. In the SLOOP mode the
specified sound keeps re-playing.
Since sounds 0~11 contain 32 notes and sounds
12~15 include 64 notes, the latter possesses
better sound than the former.
The sound effect circuit frequency can be se-
lected by mask option.
Frequencyof sound effect circuit
=
system
clock
2
m
...where m=0,1,2,3,4,5.
Holtek’s sound library supports only sound
clock frequency of 128K or 64K. To use Holtek’s
sound library the proper system clock and mask
option should be selected.
LCD display memory
As mentioned in the data memory section the
LCD display memory is embedded in the data
memory. It can be read and written to in the
same way as normal data memory.
The figure illustrates the mapping between the
display memory and LCD pattern for the
HTG12N0.
There is an ON/OFF switch for display control-
led by bit 1 of port PC (PC1). The corresponding
bit of the PC1 represents “ON” or “OFF” of the
LCD display memory.
The LCD display module may have any form as
long as the number of commons does not exceed
8 and the number of segments is not over 64.
HTG12N0
12
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com