Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Absolute Maximum Ratings
Supply Voltage ................................. –0.3V~5.5V
Storage Temperature.................... –50
°C~125°C
Input Voltage.....................VSS–0.3V~VDD+0.3V
Operating Temperature..................... 0
°C~70 °C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.4
3
3.5
V
IDD
Operating Current
(LCD ON)
3V
No load,
fSYS=512kHz
—100
200
µA
ISTB1
Standby Current
(LCD OFF)
3V
HALT mode
—
2
5
µA
ISTB2
Standby Current
(LCD ON)
3V
HALT mode
—
10
20
µA
VIL
Input Low Voltage
3V
—
0
—
0.2VDD
V
VIH
Input High Voltage
3V
—
0.8VDD
—VDD
V
IOL1
PA, PC, BZ and BZ
Output Sink Current
3V
VOL=0.3V
1.5
3
—
mA
IOH1
PA, PC, BZ and BZ
Output Source Current
3V
VOH=2.7V
–0.5
–1
—
mA
IOL2
Segment Output Sink
Current
3V
VOL=0.3V
30
60
—
µA
IOH2
Segment Output Source
Current
3V
VOH=2.7V
–50
–100
—
µA
RPH
Pull-high Resistor
3V
PS, PM, RES,
TMCLK
15
100
200
k
Ω
HTG12N0
6
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com