Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HTG12N0 Datasheet HTML 1Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
HTG12N0
4-Bit Microcontroller
General Description
The HTG12N0 is the processor from HOLTEK’s
4-bit stand alone single chip microcontroller
specially designed for LCD display and time
piece product applications.
It is ideally suited for multiple LCD time piece
low power applications among which are calcu-
lators, scales, calendar and hand held LCD
products.
Features
•
Operating voltage: 2.4V~3.5V
•
Seven input lines
•
Six output lines
•
Halt feature reduces power consumption
•
Up to 4
µs instruction cycle with 1MHz
system clock
•
4K
× 8 × 4 program ROM
•
Data memory RAM size 256
× 4 bits
•
64 segments
× 8 commons, 1/5 bias LCD driver
•
8-bit table read instruction
•
Five working registers
•
Internal timer overflow
•
One level subroutine nesting
•
RC oscillator and 32768Hz crystal oscillator
•
8-bit timer with internal or external clock
source
•
Sound effect circuit
1
18th Mar ’99


Similar Part No. - HTG12N0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
HTG12G0 HOLTEK-HTG12G0 Datasheet
520Kb / 31P
Microcontroller
14th May 99
More results

Similar Description - HTG12N0

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com