Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 29Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 30Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
RLC A
Rotate accumulator left through carry
Machine Code
0 0 0 0 0 0 1 1
Description
The contents of the accumulator are rotated left one bit. Bit 3 replaces the
carry bit; the carry bit is rotated into the bit 0 position.
Operation
An+1
← An; An: Accumulator bit n (n=0,1,2)
A0
← C
C
← A3
RR A
Rotate accumulator right
Machine Code
0 0 0 0 0 0 0 0
Description
The contents of the accumulator are rotated right one bit. Bit 0 is rotated
to bit 3 and carry flag.
Operation
An
← An+1; An: Accumulator bit n (n=0,1,2)
A3
← A0
C
← A0
RRC A
Rotate accumulator right through carry
Machine Code
0 0 0 0 0 0 1 0
Description
The contents of the accumulator are rotated right one bit. Bit 0 replaces
the carry bit; the carry bit is rotated into the bit 3 position.
Operation
An
← An+1; An: Accumulator bit n (n=0,1,2)
A3
← C
C
← A0
SBC A,[R1R0]
Subtract data memory contents and carry from ACC
Machine Code
0 0 0 0 1 0 1 0
Description
The contents of the data memory addressed by the register pair “R1,R0”
and the carry are subtracted from the accumulator. Carry is affected.
Operation
ACC
← ACC+M(R1,R0)+CF
SOUND A
Active SOUND channel with accumulator
Machine Code
0 1 0 0 1 0 1 1
Description
The activated sound begins playing in accordance with the contents of the
accumulator when the specified sound channel is matched.
SOUND LOOP
Turn on sound repeat mode
Machine Code
0 1 0 0 1 0 0 1
Description
The activated sound plays repeatedly.
SOUND OFF
Turn off sound
Machine Code
0 1 0 0 1 0 1 0
Description
The singing sound will terminate immediately.
HTG12N0
28
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com