Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Instruction Definitions
ADC A,[R1R0]
Add data memory contents and carry to accumulator
Machine Code
0 0 0 0 1 0 0 0
Description
The contents of the data memory addressed by the register pair “R1,R0”
and the carry are added to the accumulator. Carry is affected.
Operation
ACC
← ACC+M(R1,R0)+C
ADD A,XH
Add immediate data to accumulator
Machine Code
0 1 0 0 0 0 0 0
0 0 0 0 d d d d
Description
The specified data is added to the accumulator. Carry is affected.
Operation
ACC
← ACC+XH
ADD A,[R1R0]
Add data memory contents to accumulator
Machine Code
0 0 0 0 1 0 0 1
Description
The contents of the data memory addressed by the register pair “R1,R0” is
added to the accumulator. Carry is affected.
Operation
ACC
← ACC+M(R1,R0)
AND A,XH
Logical AND immediate data to accumulator
Machine Code
0 1 0 0 0 0 1 0
0 0 0 0 d d d d
Description
Data in the accumulator is logical AND with the immediate data specified
by a code.
Operation
ACC
← ACC “AND” XH
AND A,[R1R0]
Logical AND accumulator with data memory
Machine Code
0 0 0 1 1 0 1 0
Description
Data in the accumulator is logical AND with the data memory addressed
by the register pair “R1,R0”.
Operation
ACC
← ACC “AND” M(R1,R0)
AND [R1R0],A
Logical AND data memory with accumulator
Machine Code
0 0 0 1 1 1 0 1
Description
Data in the data memory addressed by the register pair “R1,R0” is logical
AND with the accumulator
Operation
M(R1,R0)
← M(R1,R0) “AND” ACC
HTG12N0
19
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com