Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Data memory – RAM
The static data memory (RAM) is arranged in
256
×4 bit format and is used to store data. All of
the data memory locations are indirectly ad-
dressable through the register pair R1,R0 or
R3,R2; for example MOV A,[R3R2] or MOV
[R3R2],A.
There are two banks for data memory in
HTG12N0, each bank shown in the figure can
be switched by the assignment of PC0. Each
bank maps to different area of the data memory.
There are two areas in the data memory, the
temporary data area and the display data area.
Access to the temporary data area is from 00H
to 7FH of bank 0 and 00H to 7FH of bank 1,
Locations 80H to FFH (don’t care the bank
pointer) represent the display data area.
When data is written into the display data area
it is automatically read by the LCD driver
which then generates the corresponding LCD
driving signals.
The relationship between the data pointer RAM
locations are shown in the table.
Display data area (80H~FFH) don’t care about
the PC0.
Accumulator – ACC
The accumulator is the most important data
register in the processor. It is one of the sources
of input to the ALU and the destination of the
results of the operations performed in the ALU.
Data to and from the I/O ports and memory also
passes through the accumulator.
Arithmetic and logic unit – ALU
This circuit performs the following arithmetic
and logical operations ...
•
Add with or without carry
•
Subtract with or without carry
•
AND, OR, Exclusive-OR
•
Rotate right, left through carry
•
BCD decimal adjust for addition
•
Increment, decrement
•
Data transfers
•
Branch decisions
The ALU not only outputs the results of data
operations, but also sets the status of the carry
flag (CF) in some instructions.
Timer/counter
The HTG12N0 contains a programmable 8-bit
count-up counter which can be used to count
external events or as a clock to generate an
accurate time base.
If the 8-bit timer clock is supplied by an exter-
nal source from pin TMCLK, synchronization
problems may occur when reading the data
from the timer. It is therefore suggested that
the timer is stopped before retrieving the data.
The 8-bit counter will increment on the rising
edge of the clock whether it is internally or
externally generated.
The timer/counter may be set and read with
software instructions and stopped by a hard-
ware reset or a TIMER OFF instruction. To
restart the timer, load the counter with the
value XXH and then issue a TIMER ON in-
struction. Note that XX is the desired start
count immediate value of the 8 bits. Once the
timer/counter is started it increments to a
maximum count of FFH and then overflows to
zero (00H). It then continues to count until
stopped by a TIMER OFF instruction or a reset.
The increment from the maximum count of
FFH to zero (00H) triggers a timer flag TF and
an internal interrupt request. The interrupt
Data memory
Data memory
HTG12N0
10
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com