Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 29Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 30Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
SOUND ONE
Turn on sound one mode
Machine Code
0 1 0 0 1 0 0 0
Description
The activated sound plays only one time.
SOUND n
Active SOUND Channel n
Machine Code
0 0 0 0 n n n n
0 1 0 0 0 1 0 1
Description
The specified sound begins playing and overwriting the previous singing
sound. (nnn=0~15)
STC
Set carry flag
Machine Code
0 0 1 0 1 0 1 1
Description
The carry flag is set to one.
Operation
C
← 1
SUB A,XH
Subtract immediate data from accumulator
Machine Code
0 1 0 0 0 0 0 1
0 0 0 0 d d d d
Description
The specified data is subtracted from the accumulator. Carry is affected.
Operation
ACC
← ACC+XH+1
SUB A,[R1R0]
Subtract data memory contents from accumulator
Machine Code
0 0 0 0 1 0 1 1
Description
The contents of the data memory addressed by the register pair “R1,R0” is
subtracted from the accumulator. Carry is affected.
Operation
ACC
← ACC+M(R1,R0)+1
TIMER OFF
Set timer to stop counting
Machine Code
0 0 1 1 1 0 0 1
Description
The timer stops counting when the “TIMER OFF” instruction is executed.
TIMER ON
Set timer start counting
Machine Code
0 0 1 1 1 0 0 0
Description
The timer starts counting when the “TIMER ON” instruction is executed.
TIMER XXH
Set immediate data to timer counter
Machine Code
0 1 0 0 0 1 1 1
d d d d d d d d
Description
The 8-bit data specified by code is loaded to the Timer counter.
Operation
TIMER
← XXH
HTG12N0
29
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com