Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12N0 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HTG12N0
Description  4-Bit Microcontroller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12N0 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HTG12N0 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 25Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 26Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 27Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 28Page - Holtek Semiconductor Inc HTG12N0 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
MOV Rn,A
Move accumulator to register
Machine Code
0 0 1 0 n n n 0
Description
Data in the accumulator is moved to the working register “Rn”.
Operation
Rn
← ACC; Rn=R0,R1,R2,R3,R4, for nnn=0,1,2,3,4
MOV TMRH,A
Move accumulator to timer
Machine Code
0 0 1 1 1 1 0 1
Description
The contents of accumulator is loaded to the high nibble of the timer
counter.
Operation
TIMER (high nibble)
← ACC
MOV TMRL,A
Move accumulator to timer
Machine Code
0 0 1 1 1 1 0 0
Description
The contents of accumulator is loaded to the low nibble of the timer
counter.
Operation
TIMER (low nibble)
← ACC
MOV [R1R0],A
Move accumulator to data memory
Machine Code
0 0 0 0 0 1 0 1
Description
Data in the accumulator is moved to the data memory specified by the reg-
ister pair “R1,R0”.
Operation
M(R1,R0)
← ACC
MOV [R3R2],A
Move accumulator to data memory
Machine Code
0 0 0 0 0 1 1 1
Description
Data in the accumulator is moved to the data memory specified by the reg-
ister pair “R3,R2”.
Operation
M(R3,R2)
← ACC
NOP
No operation
Machine Code
0 0 1 1 1 1 1 0
Description
Do nothing, but one instruction cycle is delayed.
OR A,XH
Logical OR immediate data to accumulator
Machine Code
0 1 0 0 0 1 0 0
0 0 0 0 d d d d
Description
Data in the accumulator is logical OR with the immediate data specified
by code.
Operation
ACC
← ACC “OR” XH
HTG12N0
25
18th Mar ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com