Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-32011 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT-32011 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT-32011
Download  AT-32011 Download
File Size   125.07 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Current, High Performance NPN Silicon Bipolar Transistor

AT-32011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-32011 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT-32011
Download  AT-32011 Click to download

File Size   125.07 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Current, High Performance NPN Silicon Bipolar Transistor

AT-32011 Datasheet (HTML) - Agilent(Hewlett-Packard)


AT-32011 Product details

Description
Hewlett Packard’s AT-32011 and AT-32033 are high performance NPN bipolar transistors that have been optimized for maximum ft at low voltage operation, making them ideal for use in battery powered applications in wireless markets. The AT-32033 uses the 3␣ lead SOT-23, while the AT-320 11 places the same die in the higher performance 4 lead SOT-143. Both packages are industry standard, and compatible with high volume surface mount assembly techniques.
The 3.2 micron emitter-to-emitter pitch and reduced parasitic design of these transistors yields extremely high performance products that can perform a multiplicity of tasks. The 20␣ emitter finger interdigitated geometry yields an easy to match to and extremely fast transistor with moderate power, low noise resistance, and low operating currents.

Features
• High Performance Bipolar Transistor Optimized for Low Current, Low Voltage Operation
• 900 MHz Performance:
   AT-32011: 1 dB NF, 14 dB GA
   AT-32033: 1 dB NF, 12.5 dB GA
• Characterized for End-Of-Life Battery Use (2.7 V)
• SOT-23 and SOT-143 SMT Plastic Packages
• Tape-And-Reel Packaging Option Available[1]




Similar Part No. - AT-32011

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Similar Description - AT-32011

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 AVAGO-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 AVAGO-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32063 BOARDCOM-AT-32063 Datasheet
218Kb / 8P
Low Current, High Performance NPN Silicon Bipolar Transistor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com