Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-32011 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AT-32011
Description  Low Current, High Performance NPN Silicon Bipolar Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-32011 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AT-32011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AT-32011 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-54
Electrical Specifications, TA = 25°C
AT-32011
AT-32033
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
NF
Noise Figure
VCE = 2.7 V, IC= 2 mA
f = 0.9 GHz
dB
1.0[1]
1.3[1]
1.0[2]
1.3[2]
GA
Associated Gain
VCE = 2.7 V, IC = 2 mA
f = 0.9 GHz
dB
12.5[1]
14[1]
11[2]
12.5[2]
hFE
Forward Current Transfer Ratio
VCE = 2.7 V,IC = 2 mA
–
70
300
70
300
ICBO
Collector Cutoff Current
VCB = 3 V
µA
0.2
0.2
I
EBO
Emitter Cutoff Current
V
EB = 1 V
µA
1.5
1.5
Notes:
1. Test circuit A, Figure 1. Numbers reflect device performance de-embedded from circuit losses. Input loss = 0.3 dB;
output loss = 0.3 dB.
2. Test circuit B, Figure 1. Numbers reflect device performance de-embedded from circuit losses. Input loss = 0.3 dB;
output loss = 0.3 dB.
AT-32011, AT-32033 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VEBO
Emitter-Base Voltage
V
1.5
VCBO
Collector-Base Voltage
V
11
VCEO
Collector-Emitter Voltage
V
5.5
IC
Collector Current
mA
32
PT
Power Dissipation[2, 3]
mW
200
Tj
Junction Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
Thermal Resistance[2]:
θ
jc = 550 °C/W
Notes:
1. Operation of this device above any one
of these parameters may cause permanent
damage.
2. TMountingSurface = 25°C.
3. Derate at 1.82 mW/
°C for T
C > 40°C.
1000 pF
VBB
W = 10 L = 1870
W = 10
CKT A: L = 380
CKT B: L = 380
W = 30
L = 60
W = 10 L = 1870
1000 pF
VCC
W = 10
CKT A: L = 105
CKT B: L = 850
CKT A: W = 30 L = 50 x 2
CKT B: W = 30 L = 60
TEST CIRCUIT
BOARD MATL = 0.062" FR-4 (
ε = 4.8)
RF IN
W = 30
L = 60
CKT A: 25
Ω
CKT B: 5
Ω
RF OUT
NOT TO SCALE
DIMENSIONS IN MILS
Figure 1. Test Circuit for Noise Figure and Associated Gain.
This circuit is a compromise match between best noise figure, best gain, stability, and a practical
synthesizable match.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com