Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1225AS-H-R68N Datasheet (PDF) - TOKO, Inc

1225AS-H-R68N Datasheet PDF - TOKO, Inc
Part # 1225AS-H-R68N
Download  1225AS-H-R68N Download
File Size   121.3 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm

1225AS-H-R68N Datasheet (PDF)

Go To PDF Page Download Datasheet
1225AS-H-R68N Datasheet PDF - TOKO, Inc

Part # 1225AS-H-R68N
Download  1225AS-H-R68N Click to download

File Size   121.3 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm

1225AS-H-R68N Datasheet (HTML) - TOKO, Inc




Similar Part No. - 1225AS-H-R68N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1225AS-H-R68N TOKO-1225AS-H-R68N Datasheet
252Kb / 1P
Ferrite Inductors
logo
Murata Manufacturing Co...
1225AS-H-R68N MURATA-1225AS-H-R68N Datasheet
740Kb / 2P
Inductor
More results


Similar Description - 1225AS-H-R68N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2612C TOKO-DEM2612C Datasheet
102Kb / 1P
Low profile (2.6 x 2.8 mm square, 1.2mm Max.height).
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
logo
LUMEX INC.
SML-LXR851DRSUGCTR LUMEX-SML-LXR851DRSUGCTR Datasheet
172Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851GC-TR LUMEX-SML-LXR851GC-TR Datasheet
147Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851IGC-TR LUMEX-SML-LXR851IGC-TR Datasheet
176Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
SML-LXR851SYC-TR LUMEX-SML-LXR851SYC-TR Datasheet
173Kb / 2P
1.0 X 3.0mm PCB Right Angle Surface Mount Led
logo
Fox Electronics
K124 FOX-K124 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
K121 FOX-K121 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
logo
Bel Fuse Inc.
QME48T40 BEL-QME48T40 Datasheet
2Mb / 35P
Outputs available: 3.3, 2.5, 1.8, 1.5, 1.2 and 1.0 V
logo
Transko Electronics, In...
T4FC1210DF TRANSKO-T4FC1210DF Datasheet
1Mb / 5P
Common Mode Choke SMD (1.2 X 1.0 X 0.9mm)
Rev 2: 09-04-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com