Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1225AS-H-R68N Datasheet(PDF) 2 Page - TOKO, Inc

Part # 1225AS-H-R68N
Description  Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1225AS-H-R68N Datasheet(HTML) 2 Page - TOKO, Inc

  1225AS-H-R68N Datasheet HTML 1Page - TOKO, Inc 1225AS-H-R68N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE DEM2815C,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1226AS-H-R47N
0.47
 30
24 (20)
2.9 (3.8)
3.9 (4.6)
1226AS-H-1R0N
1.0
 30
32 (27)
2.1 (2.7)
3.3 (3.9)
1226AS-H-1R5N
1.5
 30
37 (31)
1.7 (2.3)
2.9 (3.4)
1226AS-H-2R2M
2.2
 20
52 (43)
1.4 (1.8)
2.2 (2.6)
1226AS-H-2R7M
2.7
 20
63 (53)
1.3 (1.7)
2.0 (2.4)
1226AS-H-3R3M
3.3
 20
68 (57)
1.1 (1.5)
1.9 (2.3)
1226AS-H-4R7M
4.7
 20
96 (80)
0.95 (1.3)
1.6 (1.9)
1226AS-H-6R8M
6.8
 20
156 (130)
0.80 (1.0)
1.2 (1.5)
1226AS-H-100M
10
 20
216 (180)
0.65 (0.90)
1.0 (1.2)
1226AS-H-120M
12
 20
275 (228)
0.60 (0.80)
0.85 (1.0)
1226AS-H-150M
15
 20
324 (270)
0.50 (0.70)
0.80 (0.95)
TYPE DEM2818C,(Quantity/reel; 2,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1227AS-H-R47N
0.47
 30
20 (17)
3.3 (4.4)
4.7 (5.5)
1227AS-H-1R0N
1.0
 30
29 (24)
2.3 (3.1)
3.7 (4.3)
1227AS-H-1R5N
1.5
 30
32 (27)
2.0 (2.6)
3.4 (4.0)
1227AS-H-2R2M
2.2
 20
47 (39)
1.7 (2.2)
2.6 (3.1)
1227AS-H-3R3M
3.3
 20
67 (56)
1.3 (1.7)
2.0 (2.4)
1227AS-H-4R7M
4.7
 20
92 (77)
1.1 (1.4)
1.8 (2.1)
1227AS-H-6R8M
6.8
 20
146 (122)
0.90 (1.2)
1.3 (1.5)
1227AS-H-100M
10
 20
204 (170)
0.75 (1.0)
1.2 (1.4)
1227AS-H-120M
12
 20
258 (215)
0.65 (0.87)
1.0 (1.2)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
L
L
Ferrite Inductors
フェライトインダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com