Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-26836 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-26836 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-26836
Download  ATF-26836 Download
File Size   47.06 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-16 GHz General Purpose Gallium Arsenide FET

ATF-26836 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-26836 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-26836
Download  ATF-26836 Click to download

File Size   47.06 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-16 GHz General Purpose Gallium Arsenide FET

ATF-26836 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-26836 Product details

Description
The ATF-26836 is a high performance gallium arsenide Schottky barrier-gate field effect transistor housed in a cost effective microstrip package. This device is designed for use in oscillator applications and general purpose amplifier applications in the 2-16 GHz frequency range.

Features
• High Output Power: 18.0 dBm Typical P 1 dBat 12 GHz
• High Gain: 9.0 dB Typical GSS at 12 GHz
• Cost Effective Ceramic Microstrip Package
• Tape-and-Reel Packaging Option Available[1]




Similar Part No. - ATF-26836

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-26884 HP-ATF-26884 Datasheet
44Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
ATF-26884-STR HP-ATF-26884-STR Datasheet
44Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
ATF-26884-TR1 HP-ATF-26884-TR1 Datasheet
44Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
More results


Similar Description - ATF-26836

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
2-18 GHz Low Noise Gallium Arsenide FET
ATF-13336 HP-ATF-13336 Datasheet
46Kb / 3P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-13736 HP-ATF-13736 Datasheet
49Kb / 4P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-21186 HP-ATF-21186 Datasheet
75Kb / 8P
0.5-6 GHz General Purpose Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-25735 HP-ATF-25735 Datasheet
46Kb / 4P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-26884 HP-ATF-26884 Datasheet
44Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
ATF-44101 HP-ATF-44101 Datasheet
65Kb / 3P
2-8 GHz Medium Power Gallium Arsenide FET
ATF-45101 HP-ATF-45101 Datasheet
44Kb / 3P
2-8 GHz Medium Power Gallium Arsenide FET
ATF-13284 HP-ATF-13284 Datasheet
132Kb / 2P
1-16 GHz Low Noise Gallium Arsenide FET
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com