Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-21186 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-21186 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-21186
Download  ATF-21186 Download
File Size   75.35 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5-6 GHz General Purpose Gallium Arsenide FET

ATF-21186 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-21186 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-21186
Download  ATF-21186 Click to download

File Size   75.35 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5-6 GHz General Purpose Gallium Arsenide FET

ATF-21186 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-21186 Product details

Description
Hewlett–Packard’s ATF-21186 is a low cost Gallium Arsenide Schottky barrier-gate field effect transistor housed in a surface mount plastic package. This general purpose device is designed for use in low noise amplifiers, gain stages, driver amplifiers, and oscillators operating over the VHF, UHF, and microwave frequency ranges. High gain with two volt operation makes this part attractive for low voltage, battery operated systems. The low noise figure is appropriate for commercial systems demanding good sensitivity, such as GPS receiver front-ends and MMDS television receivers. The output power is sufficient for use as the driver stage in many hand-held transceivers operating in the 900␣ MHz through 2.4 GHz bands, including in cellular phones, PCN, and ISM band spread spectrum applications.

Features
• Low Noise Figure: 0.5 dB Typ. @ 2 GHz
• High Output Power: 19 dBm Typ. P1dB @ 2 GHz
• High MSG: 13.5 dB Typ. @ 2 GHz
• Low Cost Surface Mount Plastic Package
• Tape-and-Reel Packaging Option Available[1]




Similar Part No. - ATF-21186

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
0.5-6 GHz Low Noise Gallium Arsenide FET
More results


Similar Description - ATF-21186

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
2-18 GHz Low Noise Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-25735 HP-ATF-25735 Datasheet
46Kb / 4P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
ATF-26884 HP-ATF-26884 Datasheet
44Kb / 4P
2-16 GHz General Purpose Gallium Arsenide FET
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com