Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-21170 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-21170 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-21170
Download  ATF-21170 Download
File Size   47.29 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5-6 GHz Low Noise Gallium Arsenide FET

ATF-21170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-21170 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-21170
Download  ATF-21170 Click to download

File Size   47.29 Kbytes
Page   3 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5-6 GHz Low Noise Gallium Arsenide FET

ATF-21170 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-21170 Product details

Description
The ATF-21170 is a high performance gallium arsenide Schottky barrier-gate field effect transistor housed in a hermetic, high reliability package. This device is designed for use in low noise or medium power amplifier applications in the 0.5-6 GHz frequency range.
This GaAs FET device has a nominal 0.3 micron gate length with a total gate periphery of 750 microns. Proven gold based metallization systems and nitride passivation assure a rugged, reliable device.

Features
• Low Noise Figure: 0.9 dB Typical at 4 GHz
• High Associated Gain: 13.0 dB Typical at 4 GHz
• High Output Power: 23.0 dBm Typical P 1 dB at 4 GHz
• Hermetic Gold-Ceramic Microstrip Package




Similar Part No. - ATF-21170

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-21186 HP-ATF-21186 Datasheet
75Kb / 8P
0.5-6 GHz General Purpose Gallium Arsenide FET
ATF-21186-STR HP-ATF-21186-STR Datasheet
75Kb / 8P
0.5-6 GHz General Purpose Gallium Arsenide FET
ATF-21186-TR1 HP-ATF-21186-TR1 Datasheet
75Kb / 8P
0.5-6 GHz General Purpose Gallium Arsenide FET
More results


Similar Description - ATF-21170

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
2-18 GHz Low Noise Gallium Arsenide FET
ATF-13336 HP-ATF-13336 Datasheet
46Kb / 3P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-13736 HP-ATF-13736 Datasheet
49Kb / 4P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-21186 HP-ATF-21186 Datasheet
75Kb / 8P
0.5-6 GHz General Purpose Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-13284 HP-ATF-13284 Datasheet
132Kb / 2P
1-16 GHz Low Noise Gallium Arsenide FET
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com