Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-10100 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-10100 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-10100
Download  ATF-10100 Download
File Size   51.88 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5-12 GHz Low Noise Gallium Arsenide FET

ATF-10100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-10100 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-10100
Download  ATF-10100 Click to download

File Size   51.88 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.5-12 GHz Low Noise Gallium Arsenide FET

ATF-10100 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-10100 Product details

Description
The ATF-10100 is a high performance gallium arsenide Schottky barrier-gate field effect transistor chip. Its premium noise figure makes this device appropriate for use in the first stage of low noise amplifiers operating in the 0.5-12␣ GHz frequency range.

Features
• Low Noise Figure: 0.5 dB Typical at 4 GHz
• Low Bias: VDS= 2 V, IDS = 25 mA
• High Associated Gain: 14.0 dB Typical at 4 GHz
• High Output Power: 21.0 dBm Typical P1 dB at 4 GHz




Similar Part No. - ATF-10100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-STR HP-ATF-10136-STR Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-TR1 HP-ATF-10136-TR1 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
More results


Similar Description - ATF-10100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
2-18 GHz Low Noise Gallium Arsenide FET
ATF-13336 HP-ATF-13336 Datasheet
46Kb / 3P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-13736 HP-ATF-13736 Datasheet
49Kb / 4P
2-16 GHz Low Noise Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-21186 HP-ATF-21186 Datasheet
75Kb / 8P
0.5-6 GHz General Purpose Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-13284 HP-ATF-13284 Datasheet
132Kb / 2P
1-16 GHz Low Noise Gallium Arsenide FET
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com