Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRT1-2311 Datasheet (PDF) - Agilent(Hewlett-Packard)

DRT1-2311 Datasheet PDF - Agilent(Hewlett-Packard)
Part # DRT1-2311
Download  DRT1-2311 Download
File Size   59.71 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Digital Radio Transmitter Modules for 21.2 to 23.6 GHz

DRT1-2311 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRT1-2311 Datasheet PDF - Agilent(Hewlett-Packard)

Part # DRT1-2311
Download  DRT1-2311 Click to download

File Size   59.71 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Digital Radio Transmitter Modules for 21.2 to 23.6 GHz

DRT1-2311 Datasheet (HTML) - Agilent(Hewlett-Packard)


DRT1-2311 Product details

Description
This digital radio transmitter module is designed for medium data rate point to point communi cation systems operating at 23␣ GHz. This module offers excellent phase noise perfor mance and can be easily phase locked to a frequency reference.

Features
• Integrated Microwave/ Millimeter-Wave Modules
• Low Phase Noise
• Silicon Bipolar VCO
• Full Band Tuning
• GaAs MMIC Output Stage
• Sample Output for Phase Locking
• Excellent Tuning Linearity
• 30 dB Attenuator
• Waveguide/SMA RF Output
• Detected Output




Similar Part No. - DRT1-2311

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRT1-3813 HP-DRT1-3813 Datasheet
59Kb / 4P
Digital Radio Transmitter Modules for 37 to 40 GHz
DRT1-3823 HP-DRT1-3823 Datasheet
59Kb / 4P
Digital Radio Transmitter Modules for 37 to 40 GHz
More results


Similar Description - DRT1-2311

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRR1-23XX HP-DRR1-23XX Datasheet
61Kb / 4P
Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
DRT1-3823 HP-DRT1-3823 Datasheet
59Kb / 4P
Digital Radio Transmitter Modules for 37 to 40 GHz
logo
rfsolutions.ltd
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
FM Radio Transmitter & Receiver Modules
logo
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
FM Radio Transmitter & Receiver Modules
logo
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
21.2 ??23.6 GHz 10 W GaN Power Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com