Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA2124-1W Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA2124-1W Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA2124-1W
Download  RFMA2124-1W Download
File Size   96.41 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 21.2 - 23.6 GHz Power Amplifier MMIC

RFMA2124-1W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA2124-1W Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA2124-1W
Download  RFMA2124-1W Click to download

File Size   96.41 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 21.2 - 23.6 GHz Power Amplifier MMIC

RFMA2124-1W Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA2124-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
More results


Similar Description - RFMA2124-1W

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRR1-23XX HP-DRR1-23XX Datasheet
61Kb / 4P
Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Excelics Semiconductor,...
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
21.2 - 23.6 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
United Monolithic Semic...
CHA6356-QXG UMS-CHA6356-QXG_15 Datasheet
657Kb / 16P
21.2 - 23.6GHz Power Amplifier
logo
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
21.2 ??23.6 GHz 10 W GaN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com