Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA2124-1W Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # RFMA2124-1W
Description  21.2 - 23.6 GHz Power Amplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA2124-1W Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  RFMA2124-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA2124-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA2124-1W Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RFMA2124-1W
UPDATED 10/25/2006
21.2 – 23.6 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2006
01 Package Dimension and Pin Assignment
10X 0.004
0.040
0.025
RFMA2124
4X 0.100
0.700
4X 0.050
10X 0.100±0.010
RF IN
Vgg
NC
-1W-01
4X.050 CHAMFER
0.200
PIN1 Indicator
Vgg
NC
Excelics
0.330
0.165
10X 0.013
0.060
RF OUT
NC
Vdd
0.530
Vdd
NC
2X DIA .090 THRU
ALL DIMENSIONS IN INCHES
TOLERANCE: ±0.005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com