Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA2124-1W Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # RFMA2124-1W
Description  21.2 - 23.6 GHz Power Amplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA2124-1W Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  RFMA2124-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA2124-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc. RFMA2124-1W Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RFMA2124-1W
UPDATED 10/25/2006
21.2 – 23.6 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2006
03 Package Dimension and Pin Assignment
10X 0.004
6X 0.100±0.010
0.040
PIN1 Indicator
0.700
4X 0.125
0.225
RFMA2124
-1W-03
RF IN
Vg
Excelics
N/C
4X.050 CHAMFER
0.330
0.165
0.025
0.060
6X 0.013
RF OUT
Vd
0.530
Vd
2X DIA .090 THRU
ALL DIMENSIONS IN INCHES
TOLERANCE: ±0.005
Ordering Information
Part Number
RFMA2124-1W-01
Refer 01 Package Outline
RFMA2124-1W-03
Refer 03 Package Outline
DISCLAIMER
EXCELICS SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. EXCELICS DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN.
LIFE SUPPORT POLICY
EXCELICS SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE
SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF EXCELICS SEMICONDUCTOR,
INC.
AS HERE IN:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b)
support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com