Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2232 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL2232 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL2232
Download  HCPL2232 Download
File Size   239.08 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Very High CMR, Wide VCC Logic Gate Optocouplers

HCPL2232 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL2232 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL2232
Download  HCPL2232 Click to download

File Size   239.08 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Very High CMR, Wide VCC Logic Gate Optocouplers

HCPL2232 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL2232 Product details

Description
The HCPL-22XX, HCPL-02XX, and HCNW22XX are opticallycoupled logic gates. The HCPL-22XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED. The detectors have totem pole output stages and optical receiver input stages with built-in Schmitt triggers to provide logiccompatible waveforms, eliminating the need for additional waveshaping.

Features
• 10 kV/µs Minimum Common
   Mode Rejection (CMR) at VCM = 1000 V
   (HCPL-2211/2212/0211/2232, HCNW2211)
• Wide Operating VCC Range:
   4.5 to 20 Volts
• 300 ns Propagation Delay
   Guaranteed over the Full Temperature Range
• 5 Mbd Typical Signal Rate
• Low Input Current (1.6 mA to 1.8 mA)
• Hysteresis
• Totem Pole Output (No Pullup Resistor Required)
• Available in 8-Pin DIP, SOIC-8, Widebody Packages
• Guaranteed Performance from -40°C to 85°C
• Safety Approval
   UL Recognized -2500 V rms
   for 1 minute (5000 V rms
   for 1 minute for HCNW22XX) per UL1577
   CSA Approved VDE 0884 Approved with
   VIORM = 630 V peak (HCPL-
   2211/2212 Option 060 only)
   and VIORM = 1414 V peak
   (HCNW22XX only)
   BSI Certified (HCNW22XX
   only)
• MIL-STD-1772 Version Available
   (HCPL-52XX/62XX)

Applications
• Isolation of High Speed Logic Systems
• Computer-Peripheral Interfaces
• Microprocessor System Interfaces
• Ground Loop Elimination
• Pulse Transformer Replacement
• High Speed Line Receiver
• Power Control Systems




Similar Part No. - HCPL2232

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Similar Description - HCPL2232

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com