Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2232 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL2232
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2232 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL2232 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2232 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1-131
H
Very High CMR, Wide VCC Logic
Gate Optocouplers
Technical Data
HCPL-2201
HCPL-2202
HCPL-2211
HCPL-2212
HCPL-2231
HCPL-2232
HCPL-0201
HCPL-0211
HCNW2201
HCNW2211
Features
• 10 kV/
µs Minimum Common
Mode Rejection (CMR) at
VCM = 1000 V
(HCPL-2211/2212/0211/
2232, HCNW2211)
• Wide Operating VCC Range:
4.5 to 20 Volts
• 300 ns Propagation Delay
Guaranteed over the Full
Temperature Range
• 5 Mbd Typical Signal Rate
• Low Input Current (1.6 mA
to 1.8 mA)
• Hysteresis
• Totem Pole Output (No
Pullup Resistor Required)
• Available in 8-Pin DIP,
SOIC-8, Widebody Packages
• Guaranteed Performance
from -40
°C to 85°C
• Safety Approval
UL Recognized -2500 V rms
for 1 minute (5000 V rms
for 1 minute for
HCNW22XX) per UL1577
CSA Approved
VDE 0884 Approved with
VIORM = 630 V peak (HCPL-
2211/2212 Option 060 only)
and VIORM = 1414 V peak
(HCNW22XX only)
BSI Certified (HCNW22XX
only)
• MIL-STD-1772 Version
Available
(HCPL-52XX/62XX)
Applications
• Isolation of High Speed
Logic Systems
• Computer-Peripheral
Interfaces
• Microprocessor System
Interfaces
• Ground Loop Elimination
• Pulse Transformer
Replacement
• High Speed Line Receiver
• Power Control Systems
Description
The HCPL-22XX, HCPL-02XX,
and HCNW22XX are optically-
coupled logic gates. The
HCPL-22XX, and HCPL-02XX
contain a GaAsP LED while the
HCNW22XX contains an AlGaAs
LED. The detectors have totem
pole output stages and optical
receiver input stages with built-in
Schmitt triggers to provide logic-
compatible waveforms, eliminat-
ing the need for additional
waveshaping.
A superior internal shield on the
HCPL-2211/12, HCPL-0211,
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component
to prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
A 0.1
µF bypass capacitor must be connected between pins 5 and 8.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
GND
VCC
VO
NC
SHIELD
HCPL-2201/11
HCPL-0201/11
HCNW2201/11
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
GND
VCC
VO
NC
SHIELD
HCPL-2202/12
7
1
2
3
4
5
6
8
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
GND
VCC
VO1
VO2
SHIELD
HCPL-2231/32
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
VO
HIGH
LOW
5965-3595E


Similar Part No. - HCPL2232

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Similar Description - HCPL2232

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCNW2211-500E AVAGO-HCNW2211-500E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com