Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-6430 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-6430 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-6430
Download  HCPL-6430 Download
File Size   246.01 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, Very High Speed, Logic Gate Optocouplers

HCPL-6430 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-6430 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-6430
Download  HCPL-6430 Click to download

File Size   246.01 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, Very High Speed, Logic Gate Optocouplers

HCPL-6430 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-6430 Product details

Description

These units are single and dual  channel, hermetically sealed optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appropriate DESC Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DESC Qualified Manufac turers List QML-38534 for Hybrid Microcircuits.



Features

• Dual Marked with Device Part Number and DESC Drawing Number

• Manufactured and Tested on a MIL-PRF-38534 Certified Line

• QML-38534, Class H and K

• Three Hermetically Sealed Package Configurations

• Performance Guaranteed over -55°C to +125°C

• High Speed: 40 M bit/s

• High Common Mode Rejection 500 V/µs Guaranteed

• 1500 Vdc Withstand Test Voltage

• Active (Totem Pole) Outputs

• Three Stage Output Available

• High Radiation Immunity

• HCPL-2400/30 Function Compatibility

• Reliability Data

• Compatible with TTL, STTL, LSTTL, and HCMOS Logic Families



Applications

• Military and Space

• High Reliability Systems

• Transportation, Medical, and Life Critical Systems

• Isolation of High Speed Logic Systems

• Computer-Peripheral Interfaces

• Switching Power Supplies

• Isolated Bus Driver (Networking Applications)-(5400/1 Only)

• Pulse Transformer Replacement

• Ground Loop Elimination

• Harsh Industrial Environments

• High Speed Disk Drive I/O

• Digital Isolation for A/D, D/A Conversion




Similar Part No. - HCPL-6430

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6430 AVAGO-HCPL-6430 Datasheet
353Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
More results


Similar Description - HCPL-6430

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com