Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1012 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-1012 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-1012
Download  HDMP-1012 Download
File Size   321.18 Kbytes
Page   42 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4Low Cost Gigabit Rate Transmit/Receive Chip Set

HDMP-1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-1012 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-1012
Download  HDMP-1012 Click to download

File Size   321.18 Kbytes
Page   42 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4Low Cost Gigabit Rate Transmit/Receive Chip Set

HDMP-1012 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-1012 Product details

Description
The HDMP-1012 transmitter and the HDMP-1014 receiver are used to build a high speed data link for point to point communication. The monolithic silicon bipolar transmitter chip and receiver chip are each provided in a standard aluminum M-Quad 80 package.

Features
• Transparent, Extended Ribbon Cable Replacement
• Implemented in a Low Cost Aluminum M-Quad 80 Package
• High-Speed Serial Rate 150- 1500 MBaud
• Standard 100K ECL Interface 16, 17, 20, or 21 Bits Wide
• Reliable Monolithic Silicon Bipolar Implementation
• On-chip Phase-Locked Loops
   - Transmit Clock Generation
   - Receive Clock Extraction

Applications
• Backplane/Bus Extender
• Video, Image Acquisition
• Point to Point Data Links
• Implement SCI-FI Standard
• Implement Serial HIPPI Specification




Similar Part No. - HDMP-1012

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1022 HP-HDMP-1022 Datasheet
321Kb / 40P
Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
HDMP-1024 HP-HDMP-1024 Datasheet
321Kb / 40P
Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
HDMP-1032 HP-HDMP-1032 Datasheet
346Kb / 32P
1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
HDMP-1032A HP-HDMP-1032A Datasheet
252Kb / 32P
Transmitter/Receiver Chip Set
HDMP-1034 HP-HDMP-1034 Datasheet
346Kb / 32P
1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
More results


Similar Description - HDMP-1012

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Agilent(Hewlett-Packard...
HDMP-1022 HP-HDMP-1022 Datasheet
321Kb / 40P
Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
PCM TRANSMIT/RECEIVE FILTER
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
Ultrasound Transmit/Receive Switch
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
Ultrasound Transmit/Receive Switch
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com