Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1514 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-1514 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-1514
Download  HDMP-1514 Download
File Size   259.86 Kbytes
Page   26 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Fibre Channel Transmitter and Receiver Chipset

HDMP-1514 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-1514 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-1514
Download  HDMP-1514 Click to download

File Size   259.86 Kbytes
Page   26 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Fibre Channel Transmitter and Receiver Chipset

HDMP-1514 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-1514 Product details

Description
The HDMP-1512 transmitter and the HDMP-1514 receiver are bipolar integrated circuits, separately packaged, in 80 pin M-Quad packages. They are used to build a high speed Fibre Channel link for point to point data communications.

Features
• ANSI X3.230-1994 Fibre Channel Standard Compatible (FC-0)
• Selectable 531.25 Mbaud or 1062.5 Mbaud Data Rates
• Selectable On Chip Laser Driver and 50 Ω Cable Driver
• TTL Compatible I/Os
• Single +5.0 V Power Supply

Applications
• Mass Storage System I/O Channel
• Work Station/Server I/O Channel
• High Speed Peripheral Interface




Similar Part No. - HDMP-1514

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
Fibre Channel Transceiver Chip
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
Fibre Channel Transceiver Chip
HDMP-1546 HP-HDMP-1546 Datasheet
259Kb / 15P
Fibre Channel Transceiver Chip
More results


Similar Description - HDMP-1514

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9501 TRIQUINT-TQ9501 Datasheet
284Kb / 16P
531/1063 Mbaud Fibre Channel Transmitter and Receiver
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
Fibre Channel Receiver
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
Receiver and Transmitter Interface
logo
LSI Computer Systems
L64734 LSI-L64734 Datasheet
478Kb / 48P
Tuner and Satellite Receiver Chipset
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
Receiver and Transmitter Interface
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
LVDS SerDes transmitter and receiver
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
IR Transmitter and Receiver
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
Transmitter and Receiver
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com