Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9020 Datasheet (PDF) - Mitel Networks Corporation

ACE9020 Datasheet PDF - Mitel Networks Corporation
Part # ACE9020
Download  ACE9020 Download
File Size   187.1 Kbytes
Page   7 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Receiver and Transmitter Interface

ACE9020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE9020 Datasheet PDF - Mitel Networks Corporation

Part # ACE9020
Download  ACE9020 Click to download

File Size   187.1 Kbytes
Page   7 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Receiver and Transmitter Interface

ACE9020 Datasheet (HTML) - Mitel Networks Corporation


ACE9020 Product details

ACE9020 is a VHF oscillator, up-converter and prescaler. It is used in an offset modulated transmit architecture where a UHF synthesiser makes the channel selection and a second synthesiser generates a fixed transmit offset.
A VCO signal drives a buffer in ACE9020 to feed an on chip prescaler and transmit up-converter. The prescaler is a dual two-modulus divider and drives the main synthesiser input of the ACE9030. The SSB up-converter suppresses the unwanted transmit sideband.
The VHF oscillator is buffered to drive the auxiliary synthesiser input of the ACE9030 and is locked to the offset frequency. This frequency is modulated by varying the resonant frequency of the external tank circuit. Both this oscillator and the UHF VCO drive the up-converting mixer to generate the transmit signal.
Various power saving modes for battery economy are included. These allow the transmit sections to be shut down during stand-by and the whole chip can be shut down during sleep mode. The circuit techniques used have been chosen to minimise external components and at the same time give very high performance.

FEATURES
■ Low Power Low Voltage (3.6 to 5.0 V) Operation
■ Power Down Modes
■ Differential Signals to Minimise Cross-talk
■ Auxiliary Oscillator with Transmit Up-converter
■ Prescaler for Main Synthesiser
■ Part of the ACE Integrated Cellular Phone Chipset
■ Small Outline 28 pin Package

APPLICATIONS
■ AMPS and TACS Cellular Telephone
■ Two-Way Radio Systems




Similar Part No. - ACE9020

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
379Kb / 39P
Radio Interface and Twin Synthesiser
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020B ZARLINK-ACE9020B Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020KG ZARLINK-ACE9020KG Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020NP1S ZARLINK-ACE9020NP1S Datasheet
417Kb / 6P
Receiver and Transmitter Interface
More results


Similar Description - ACE9020

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
190Kb / 12P
V.35 Interface Receiver/Transmitter
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
Receiver and Transmitter Interface
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
IR Transmitter and Receiver
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
Transmitter and Receiver
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com