Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9020 Datasheet (PDF) - Mitel Networks Corporation

ACE9020 Datasheet PDF - Mitel Networks Corporation
Part # ACE9020
Download  ACE9020 Download
File Size   379.9 Kbytes
Page   39 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Radio Interface and Twin Synthesiser

ACE9020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE9020 Datasheet PDF - Mitel Networks Corporation

Part # ACE9020
Download  ACE9020 Click to download

File Size   379.9 Kbytes
Page   39 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Radio Interface and Twin Synthesiser

ACE9020 Datasheet (HTML) - Mitel Networks Corporation


ACE9020 Product details

ACE9030 is a combined radio interface circuit and twin synthesiser, intended for use in a cellular telephone.
The radio interface section contains circuits to monitor and control levels such as transmit power in the telephone, circuits to demodulate the frequency modulated signal to audio, and a crystal oscillator with a frequency multiplier.
The Main synthesiser has normal and fractional-N modes both with optional speed-up to select the desired channel. The Auxiliary synthesiser is used for the transmit-receive offset and for modulation.
Both sections are controlled by a serial bus and have software selected power saving modes for battery economy. The circuit techniques used have been chosen to minimise external components and at the same time give very high performance.

FEATURES
■ Low Power Low Voltage (3·6 to 5·0 V) Operation
■ Serial Bus Controlled Power Down Modes
■ Simple Programming Format
■ Reference Crystal Oscillator
■ Frequency Multiplier for LO2 Signal
■ 8·064 MHz Output for External Microcontroller
■ Main Synthesiser with Fractional-N Option
■ Auxiliary Synthesiser
■ Main Synthesiser Speed-up Options
■ FM Discriminator for 450 kHz or 455 kHz I.F. Signal
■ Radio System Control Interface
■ Part of the ACE Integrated Cellular Phone Chipset
■ TQFP 64 pin 0·4 mm and 0·5 mm pitch packages

APPLICATIONS
■ AMPS and TACS Cellular Telephone
■ Two-way Radio Systems




Similar Part No. - ACE9020

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
Receiver and Transmitter Interface
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020B ZARLINK-ACE9020B Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020KG ZARLINK-ACE9020KG Datasheet
417Kb / 6P
Receiver and Transmitter Interface
ACE9020NP1S ZARLINK-ACE9020NP1S Datasheet
417Kb / 6P
Receiver and Transmitter Interface
More results


Similar Description - ACE9020

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
FREQUENCY SYNTHESISER (PROM INTERFACE)
NJ88C30 ZARLINK-NJ88C30 Datasheet
217Kb / 9P
VHF SYNTHESISER
NJ8821 ZARLINK-NJ8821 Datasheet
475Kb / 10P
FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
NJ88C25 ZARLINK-NJ88C25 Datasheet
197Kb / 8P
FREQUENCY SYNTHESISER (MICROPROCESSOR SERIAL INTERFACE)
ZIF600 ZARLINK-ZIF600 Datasheet
229Kb / 9P
Pager Synthesiser and 4FSK Demodulator
logo
PMC-Sierra, Inc
PM7830 PMC-PM7830 Datasheet
123Kb / 2P
Baseband Radio Interface Controller
logo
General Electric Compan...
NJ8821 GEC-NJ8821 Datasheet
136Kb / 5P
FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
logo
Zarlink Semiconductor I...
NJ88C21 ZARLINK-NJ88C21 Datasheet
476Kb / 8P
FREQUENCY SYNTHESISER (MICROPROCESSOR INTERFACE) WITH RESETTABLE COUNTERS
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
1쨌5GHz Professional Synthesiser
logo
List of Unclassifed Man...
TWC-78-1 ETC2-TWC-78-1 Datasheet
124Kb / 1P
CABLE, RADIO FREQUENCY, TWIN CONDUCTOR, BALANCED LINE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com