Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9020 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # ACE9020
Description  Receiver and Transmitter Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9020 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  ACE9020 Datasheet HTML 1Page - Mitel Networks Corporation ACE9020 Datasheet HTML 2Page - Mitel Networks Corporation ACE9020 Datasheet HTML 3Page - Mitel Networks Corporation ACE9020 Datasheet HTML 4Page - Mitel Networks Corporation ACE9020 Datasheet HTML 5Page - Mitel Networks Corporation ACE9020 Datasheet HTML 6Page - Mitel Networks Corporation ACE9020 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ACE9020
Pin No.
Name
Type
Description
1
PD1
I
Power down control input 1
2
PD2
I
Power down control input 2
3
GND
Supply
Ground
4
BIAS_REF
I
Reference current for bias control
5
VCC_TX
Supply
Transmit section supply voltage
6
TXPA+
O
Transmit up-converter open collector output
7
TXPA-
O
Transmit up-converter open collector output
8
RSET_TXPA
I
Reference current for transmit oscillator
9
GND_TXOSC
Supply
Ground
10
TANK+
I
Transmit oscillator tank circuit
11
TANK-
I
Transmit oscillator tank circuit
12
VCC_DIV
Supply
Divider section supply voltage
13
GND_OSC
Supply
Ground
14
MOD_CNTRL
I
Modulus control input
15
DIV_OUT+
O
Divider output positive
16
DIV_OUT-
O
Divider output negative
17
RATIO_SEL
I
Ratio select
18
GND_DIV
Supply
Ground divider section
19
TXOSC+
O
Transmit oscillator monitor output positive
20
TXOSC-
O
Transmit oscillator monitor output negative
21
VCC_TXOSC
Supply
Transmit oscillator supply voltage
22
GND_RX
Supply
Ground
23
RXVCOIN
I
Input buffer for 1GHz VCO signal from ACE9010
24
n.c.
-
No connection
25
VCC_RX
Supply
Receiver section supply voltage
26
n.c.
-
No connection
27
n.c.
-
No connection
28
VCC
Supply
ON/OFF logic supply voltage
PIN CONNECTIONS
Characteristic
Min
Typ
Max
Unit
Supply Currents
Sleep PD1 = 0, PD2 = 0
0.11
mA
Standby PD1 = 1, PD2 = 0
6
8
mA
Transmit Set Up PD1 = 0, PD2 = 1
36
51
mA
Duplex PD1 = 1, PD2 = 1
48
63
mA
Input Levels
PD1, PD2
High
1.9
3.1
V
PD1, PD2
Low
0
0.5
V
Mod Cntrl
High
Vcc/2 + 0.3
Vcc
V
Mod Cntrl
Low
0
Vcc/2 - 0.3
V
Ratio Sel
High
0.6Vcc
Vcc
V
Ratio Sel
Low
0
0.4Vcc
V
Input Currents
PD1, PD2
High
40
µA
PD1, PD2
Low
-0.1
0.1
µA
DC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = – 30°C to + 85°C, VCC = 3.75 ± 0.15V or 4.85 ± 0.15V (see fig. 3 for test circuit).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com