Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9020 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # ACE9020
Description  Receiver and Transmitter Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9020 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  ACE9020 Datasheet HTML 1Page - Mitel Networks Corporation ACE9020 Datasheet HTML 2Page - Mitel Networks Corporation ACE9020 Datasheet HTML 3Page - Mitel Networks Corporation ACE9020 Datasheet HTML 4Page - Mitel Networks Corporation ACE9020 Datasheet HTML 5Page - Mitel Networks Corporation ACE9020 Datasheet HTML 6Page - Mitel Networks Corporation ACE9020 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ACE9020
Notes:
1. Exceptions.
Harmonics of divider output -37dBc max applicable when fVCO = 975.1354 MHz Ratio = 65
10th Harmonic of faux -47dBc applicable when faux = 90MHz, fVCO = 989.9375MHz
2. Residual modulation referenced to a 1kHz signal giving 3kHz deviation. Measured with 750
µs de-emphasis and CCITT
filter.
Characteristic
Min
Typ
Max
Unit
TXOSC Output
Differential Output
500
mV p-p
TxOsc Frequency
70
140
MHz
Frequency / Supply Sensitivity
75
kHz
Spurii > 700MHz
-40
dBc
Differential Output Capacitance
2
pF
External Tank Inductance f = 90MHz
82
100
nH
External Tank Inductance f = 122.5MHz
56
68
nH
Power up time (from standby)
65
µs
TXPA Output Signal
Output Power (RL = 50
Ω)
036
dBm
Noise at
∆f = +/- 45 MHz
-145
dBc/Hz
Noise at
∆f = +/- 25 kHz
-100
dBc/Hz
Harmonic Content
-20
dBc
Spurious - Image
-10
dBc
Spurious (fVCO
± 2faux)
-30
dBc
Spurious (fVCO
± 3faux)
-25
dBc
Spurious (
∆f = 45MHz ± 15 kHz) except 2fVCO - 9faux
-105
dBc
Spurious 2fVCO - 9faux
-60
dBc
Spurii within 800 to 940 MHz (note1)
-70
dBc
Other Spurii except image
-30
dBc
Isolation TXPA off (PD2 = PD1 = 1)
55
dB
Power up time
25
µs
Isolation TXPA to RVCOIN
45
dB
Residual Modulation (note 2)
-40
dB
RVCOIN Input Signal
Signal Level
-10
dBm
Input Impedance
50
Ω
Divider input frequency
800
1100
MHz
Upconverter input frequency
910
1040
MHz
Phase Noise
∆f = 45MHz
-155
dBc/Hz
Phase Noise
∆f = 25kHz
-117
dBc/Hz
Spurious - harmonic
-20
dBc
Spurious - non-harmonic
-80
dBc
Divider
Differential Output Level
500
600
mV p-p
Output Rise / Fall time
15
ns
Mod Control Set up time
20
ns
Mod Control Hold time
1ns
AC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
These characteristics apply over these ranges of conditions (unless otherwise stated):
T
AMB = -30°C to + 85°C, VCC = 3.75 ± 0.15V or VCC 4.85 ± 0.15V (see fig. 3 for test circuit).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com