Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1636 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-1636 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-1636
Download  HDMP-1636 Download
File Size   325.99 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Gigabit Ethernet Transceiver Chip

HDMP-1636 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-1636 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-1636
Download  HDMP-1636 Click to download

File Size   325.99 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Gigabit Ethernet Transceiver Chip

HDMP-1636 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-1636 Product details

Description
The HDMP-1636/46 transceiver is a single silicon bipolar integrated circuit packaged in a plastic QFP package. It provides a low-cost, low-power physical layer solution for 1250 MBd Gigabit Ethernet or proprietary link interfaces. It Gigabit Ethernet Transceiver Chip Preliminary Technical Data provides complete Serialize/ Deserialize for copper transmission, incorporating both the Gigabit Ethernet transmit and receive functions into a single device.

Features
• IEEE 802.3z Gbit Ethernet Compatible, Supports 1250 MBd Gigabit Ethernet
• Based on X3T11 “10 Bit Specification”
• Low Power Consumption
• Transmitter and Receiver Functions Incorporated onto a Single IC
• Two Package Sizes Available:
   – 10 mm PQFP (HDMP-1636)
   – 14 mm PQFP (HDMP-1646)
• 10-Bit Wide Parallel TTL Compatible I/Os
• Single +3.3 V Power Supply
• 5-Volt Tolerant I/Os
• 2 KV ESD Protection

Applications
• 1250 MBd Gigabit Ethernet Interface
• High Speed Proprietary Interface
• Backplane Serialization
• Bus Extender




Similar Part No. - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Broadcom Corporation.
HDMP-1636A BOARDCOM-HDMP-1636A Datasheet
820Kb / 25P
1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results


Similar Description - HDMP-1636

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
logo
Texas Instruments
TNETE2201B TI1-TNETE2201B_14 Datasheet
1Mb / 28P
1.25-GIGABIT ETHERNET TRANSCEIVER
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com